Part Number Hot Search : 
XR2206CP L5953 GE847 FT231XQ 1490A C4928 2N5486G D132A
Product Description
Full Text Search
 

To Download 1N6767 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N6766, 1N6766R, JANTX1N6766, JANTX1N6766R, JANTXV1N6766, JANTXV1N6766R 1N6767, 1N6767R, JANTX1N6767, JANTX1N6767R, JANTXV1N6767, JANTXV1N6767R
JANTX, JANTXV POWER DUAL RECTIFIERS IN A TO-254AA PACKAGE QUALIFIED TO MIL-PRF-19500/643
400V Thru 600V, 12A, Center-Tap Ultra-Fast Power Rectifier in TO-254 Hermetic Package
FEATURES
* * * * * * Ultra-Fast Isolated and Hermetically Sealed Low Forward Voltage Common Cathode & Common Anode Center-Tap Configuration Qualified to MIL-PRF-19500/643
DESCRIPTION
This hermetically packaged QPL product features the latest advanced silicon and packaging technology. It is ideally suited for Military requirements where small size, high performance and high reliability are required, and in applications such as switching power supplies, motor controls, inverters, choppers, audio amplifiers and high energy pulse circuits.
S C H E M ATIC
1 2 3
COMMON CATHODE
MECHANICAL OUTLINE
.144 DIA. .545 .535 .050 .040
.685 .665
.800 .790
1N6766, 1N6767
1 2 3
.550 .530
1 2 3
COMMON ANODE
.045 .035
.550 .510
.005
.150 TYP. .150 TYP. .260 .249
TO-254AA
1N6766R, 1N6767R
Note: "R" at end of Part Number Designates Common Anode
9 03 R0
205 Crawford Street, Leominster, MA 01453 USA (978) 534-5776 FAX (978) 537-4246 Visit Our Web Site at www.omnirel.com
1N6766, 1N6766R, JANTX1N6766, JANTX1N6766R, JANTXV1N6766, JANTXV1N6766R 1N6767, 1N6767R, JANTX1N6767, JANTX1N6767R, JANTXV1N6767, JANTXV1N6767R
PRIMARY ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS @ 25C Per Diode
MIL-PRF 19500 643 643
PART NUMBER 1N6766, 1N6766R 1N6767, 1N6767R
VR W M Volts 400 600
I Amps F TC = 100 C 12 A 12 A
I Surge F 8.3 mSec 125 A (Pk) 125 A (Pk)
R OJC 1 8 C/W . 1 8 C/W .
Operating Temp Range -65 C to + 150 C -65 C to + 150 C
ELECTRICAL CHARACTERISTICS @ 25C Per Diode
MIL-PRF 19500 643 643 PART NUMBER VF @6A 1.35 V 1.35 V VF I R @ 12 A @ 25 1.55 V 1.55 V I R @ 100 C 1 ma 1 ma tR R I = 1.0A, F di/dt = 50A/ua 60 nsec 60 nsec CJ f = 1.0 MHZ 300 pF 300 pF
C
1N6766, 1N6766R 1N6767, 1N6767R
10 a 10 a
PRIMARY ELECTRICAL CHARACTERISTICS @ TC = 25 C
MIL-PRF 19500 643 643 PART NUMBER 1N6766, 1N6766R 1N6766, 1N6766R V R W M,Volts 400 600 V F @ 15A 12 12 I Amps F C @ TC = 100 60 60
205 Crawford Street, Leominster, MA 01453 USA (978) 534-5776 FAX (978) 537-4246 Visit Our Web Site at www.omnirel.com


▲Up To Search▲   

 
Price & Availability of 1N6767

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X